Part Number Hot Search : 
KA3843AM IRDC3894 ST7L05 PQ100 DS0475 E13003 PC11C 2SD1616U
Product Description
Full Text Search
 

To Download AM2520PBC-A08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Part Number: AM2520PBC/A08
BLUE
Features
SUBMINIATURE PACKAGE. WIDE VIEWING ANGLE. YOKE LEAD. LONG LIFE - SOLID STATE RELIABILITY. LOW PACKAGE PROFILE. PACKAGE : 1000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
SPEC NO: DSAG5697 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Z.Z.YANG
PAGE: 1 OF 5 ERP: 1202001295
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. AM2520PBC/A08 BLUE (InGaN) WATER CLEAR 110 Typ. 250 Viewing Angle [1] 21/2 20
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity / luminous flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Blue Blue Blue Blue Blue Blue Device Typ. 468 470 21 100 3.3 3.8 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 114 30 100 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAG5697 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Z.Z.YANG
PAGE: 2 OF 5 ERP: 1202001295
Blue
AM2520PBC/A08
SPEC NO: DSAG5697 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Z.Z.YANG
PAGE: 3 OF 5 ERP: 1202001295
AM2520PBC/A08
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAG5697 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Z.Z.YANG
PAGE: 4 OF 5 ERP: 1202001295
PACKING & LABEL SPECIFICATIONS
AM2520PBC/A08
SPEC NO: DSAG5697 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE: JUN/17/2006 DRAWN: Z.Z.YANG
PAGE: 5 OF 5 ERP: 1202001295


▲Up To Search▲   

 
Price & Availability of AM2520PBC-A08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X